Part Number Hot Search : 
BOT123 F503030B 5KP13A SAA3009P KBPC2502 20M100 SLA5007 SGM8522
Product Description
Full Text Search
 

To Download HCF4044 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF4044B
QUAD NAND 3-STATE R-S LATCH
s
s
s
s s
s s
QUIESCENT CURRENT SPECIFIED UP TO 20V 3-LEVEL OUTPUTS WITH COMMON OUTPUT ENABLE SEPARATE SET AND RESET INPUT FOR EACH LATCH 5V, 10V AND 15V PARAMETRIC RATINGS INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF4044BEY HCF4044BM1 T&R HCF4044M013TR
DESCRIPTION The HCF4044B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. The HCF4044B is a quad cross-coupled 3-state CMOS NAND latch. Each latch has a separate Q output and individual SET and RESET input. The Q outputs are
controlled by a common ENABLE input. A logic "1" or "high" on the ENABLE inputs connects the latch states to the Q outputs. A logic "0" or "low" on the ENABLE input disconnects the latch states from the Q outputs, resulting in an open circuit condition on the Q outputs. The open circuit feature allows common bussing of the outputs.
PIN CONNECTION
September 2001
1/9
HCF4044B
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 4, 6, 12, 14 3, 7, 11, 15 5 13, 9, 10, 1 2 8 16 SYMBOL S1 to S4 R1 to R4 ENABLE Q1 to Q4 NC VSS VDD NAME AND FUNCTION Set Inputs Reset Inputs Enable Input Outputs Not Connected Negative Supply Voltage Positive Supply Voltage
TRUTH TABLE
INPUTS OUTPUT Qn ENABLE L H H H
X : Don"t Care
Sn X L X L
Rn X H L H Z H L LATCHED
FUNCTIONAL DIAGRAM
2/9
HCF4044B
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C
3/9
HCF4044B
DC SPECIFICATIONS
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 18 TA = 25C Min. Typ. 0.02 0.02 0.02 0.04 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.36 -0.44 -1.1 -3.0 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 1 2.6 6.8 10-5 10-4 5 0.1 0.4 7.5 -1.15 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 12 3.5 7 11 1.5 3 4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 1 12 Max. 1 2 4 20 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 30 60 120 600 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 30 60 120 600 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current 3-State Output Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA A A pF
II IOZ CI
Any Input 0/18 Any Input
The Noise Margin for both "1" and "0" level is: 1V min. with VDD =5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
4/9
HCF4044B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VDD (V) 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 Min. Value (*) Typ. 150 70 50 115 55 40 90 50 35 100 50 40 80 40 20 Max. 300 140 100 230 110 80 180 100 70 200 100 80 ns Unit
tPLH tPHL Propagation Delay Time (SET or RESET to Q) tPZH tPZL 3-State Propagation Delay Time (Enable to Q) tPLZ tPHZ 3-State Propagation Delay Time (Disable to Q) tTLH tTHL Transition Time
ns
ns
ns
tW
Pulse Width (Set or Reset)
160 80 40
ns
(*) Typical temperature coefficient for all VDD value is 0.3 %/C.
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
5/9
HCF4044B
WAVEFORM 1 : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
WAVEFORM 2 : OUTPUT ENABLE AND DISABLE TIMES (f=1MHz; 50% duty cycle)
6/9
HCF4044B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
7/9
HCF4044B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
8/9
HCF4044B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2001 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of HCF4044

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X